PART |
Description |
Maker |
TGA4953-SCC-SL |
9.9-12.5Gb/s Optical Modulator Driver
|
TRIQUINT[TriQuint Semiconductor]
|
XPS-4102AWG XPS-4102BWG XPS-4102WG |
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
|
Optoway Technology Inc
|
VSC8021 VSC8021FC VSC8021FI VSC8022FC VSC8022FI |
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset 容量高达2.5GB / sSONET的兼解复用器芯片
|
Vitesse Semiconductor Corporation. Vitesse Semiconductor, Corp.
|
TGA4819-EPU-SL |
10.7 Gb/s Linear Optical Modulator Driver
|
TriQuint Semiconductor
|
HMC871LC5 HMC871LC510 |
EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
|
Hittite Microwave Corporation
|
MAX002 |
Optical Communications - Modulator Driver Amplifier
|
Filtronic Compound Semiconductors
|
DOM44MV1.5G DOM44MV096 DOM44MV032 DOM44MV016 DOM44 |
44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating 44Pin磁盘模块Min.16MBMax.1.5GB,真正的IDE接口模式.3 / 5.0V工作 44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating 44Pin磁盘模块Min.16MBMax.1.5GB,真正的IDE接口模式3.3 / 5.0V工作
|
Hanbit Electronics Co.,Ltd. Hanbit Electronics Co., Ltd.
|
CMM3030-BD |
30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
|
Mimix Broadband, Inc.
|
CMM3020-BD-0048 CMM3020-BD-0192 |
30 kHz to 20 GHz GaAs MMIC optical modulator driver amplifier
|
CELERITEK
|
CMM3030-BD-0048 CMM3030-BD-0192 |
30 kHz to 30 GHz GaAs MMIC optical modulator driver amplifier
|
CELERITEK
|
NDL7910PC NDL7603P NDL7910P |
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION 1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS Optical Fiber Communication Laser Diode(光纤通信激光二极管)
|
NEC[NEC] NEC Corp.
|